Part Number Hot Search : 
BR30100 FOD817AW GPM55B SL431 CE58A BAV19 CONDUCT T311016
Product Description
Full Text Search
 

To Download EPE6166AS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 10Base-T Interface Module
ELECTRONICS INC.
EPE6166AS
* Robust construction allows for toughest reflow processing * Complies with or exceeds IEEE 802.3, 10Base-T Standards * 1500 Vrms Isolation
Electrical Parameters @ 25 C
OCL (H Min.) @ 100 KHz, 20 mVrms Receive 140 Insertion Loss (dB Max.) 1-10 MHz Xmit -1 Return Loss (dB Min.) 5-10 MHz Xmit -15 @ 20 MHz Xmit -7 Attenuation (dB Min.) @ 25 MHz Xmit -18 @ 30 MHz Xmit -30 @ 40 MHz Xmit -35 Common Mode Rejection (dB Min.) 30-100 MHz Xmit -30 Crosstalk (dB Min.) 1-10 MHz Between Channels -30
* Cut-off Frequency : 17 MHz 1, Ref. @ 5 MHz * Impedance : Xmit, 52 /Rcv, 100 *
Schematic
Receive 1:1 1 2 3 16 15 14 8 7 6 7 Pole LPF Transmit 1: 2 11 10 9
Package
.540 (13.72) .095 (2.41) PCA EPE6166AS Date Code .270 (6.86) .150 (3.81) .420 (10.67) Suggested Solder Pad Layout .055 (1.40)
.350 (8.89) .010/.015 (.254/.381)
.030 (.762)
.050 (1.27)
.240 (6.10) .016/.022 (.406/.559) .150 (3.81)
0-8
.008/.012 (.203/.305)
.050 (1.27)
.035 (.889) .370 (9.40)
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSE6166AS Rev. Orig1 4/3/03
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPE6166AS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X